Part Number Hot Search : 
8180QV36 MC35002N CMO5CMD M7R21FAJ 5C253 SMA1021 L0025 MIC4128
Product Description
Full Text Search
 

To Download DF22-1012PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22 Series
Complete Locking Function
Completely enclosed locking system
Protection from shorts circuits between adjacent Contacts
sFeatures
1. 30 A maximum current
Single position connector can carry current of 30 A with #10 AWG conductor. Please refer to Table #1 for current ratings for multiposition connectors using other conductor sizes.
Prevention of Incorrect Connections qR Type (Guide key: right side, Color: black)
2. Complete Locking Function
Reliable interior lock protects mated connectors from accidental disconnection.
3. Prevention of Incorrect Connections
To prevent incorrect connection when using multiple connectors having the same Number of contacts, 3 product types having different mating configurations are available.
4. Molded-in contact retention tabs
Handling of terminated contacts during the crimping is easier and avoids entangling of wires, since there are no protruding metal tabs.
qStandard Type (Guide key: inside, Color: natural)
5. Prevention of incorrect board placement
Built-in posts assure correct connector placement and orientation on the board.
6. Supports encapsulation
Connectors can be encapsulated up to 10 mm without affecting the performance.
7. Prevention of Short Circuits Between Adjacent Contacts
Each Contact is completely surrounded by the insulator housing electrically isolating it from adjacent contacts.
qL Type (Guide key: left side, Color: red)
8. Increased Retention Force of Crimped Contacts and confirmation of complete contact insertion
Separate contact retainers are provided for applications where extreme pull-out forces may be applied against the wire or when a visual confirmation of the full contact insertion is required.
9. Full Line of Crimp Socket Contacts
Realizing the market needs for multitude of different applications, Hirose has developed several variants of crimp socket contacts and housings. Continuous development is adding different variations. Contact your nearest Hirose Electric representative for latest developments. *The photographs on the left show header (the board dip side), the photographs on the right show the socket (cable side). *The guide key position is indicated in position facing the mating surface of the header.
10. In-line Connections
Connectors can be ordered for in-line cable connections. In addition, assemblies can be placed next to each other allowing 4 position total (2 2) in a small space.
sApplications
Office equipment, power supplies for industrial, medical and instrumentation applications, variety of consumer electronic, and electrical applications.
11. Listed by UL, C-UL, and TUV.
2004.5
1
sProduct Specifications
Current rating Ratings AWG10 Number of contacts 1 30A 2 25A 3 25A 4 22A 5 22A Specification UL/C-UL TUV AWG12 25A 20A 20A 18A 18A AWG14 AWG16 20A 15A 18A 15A 18A 15A 15A 13A 15A 13A AC/DC 1000V AC/DC 600V AC/DC 600V Operating temperature range -35c to 85c (Note 1) Operating humidity range 20% to 80% Storage temperature range -10c to 60c (Note 2) Storage humidity range 40% to 70% (Note 2) UL/C-UL/TUV UL C-UL TUV File No. and Recognition No. : E52653 : E52653 : R9950703
Voltage rating Item 1. Contact resistance 2. Insulator resistance 3. Withstanding voltage
Specification Contact resistance(Initial value): 5 m ohms max. 1000 M ohms min. No flashover or Insulator breakdown 0.3N min., 5N max. Contact resistance of 10 m ohms max. No electrical discontinuity of 1 s. min. No electrical discontinuity of 1 s. min. Contact resistance 10 m ohms max. Contact resistance of 10 m ohms max. No deformation of the insulator parts affecting performance 20mV max., 1mA 1000 V DC 2500 V AC for 1 minute
Condition
4. Insertion-Extraction force (per contact) 5. Durability (mating/unmating) 6. Vibration 7. Shock 8. Humidity 9. Temperature cycle 10. Resistance to Soldering heat
Measured with a steel pin of 1.6 x 0.8 0.002 thickness 30 cycles Frequency 10 to 55 Hz, single amplitude of 0.75 mm, 3 axis, duration of 2 hours Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis. Temperature 40c 2c, 90% to 95% RH, 96 hours (-55c: 30 minutes 5 to 35c: 5 minutes85c: 30 minutes5 to 35c: 5 minutes) for 5 cycles Re-flow solder temperature 250c, for 10 seconds Manual soldering: Soldering iron temperature 300c, 3 seconds
Note 1: Current rating of header is 30A (1 pos.) and 25A (2 to 5 pos.) Note 2: Includes temperature rise caused by the current flow. Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
sMaterials
Product Sockets Crimp contacts Headers Part Insulator Contacts Insulator Contacts Material Polyamide High conductivity copper alloy Polyamide (Glass reinforced) High conductivity copper alloy Finish Color: Natural white Tin-lead plated Color: Natural beige Tin-lead plated (Note 1) (Note 2) (Note 1) (Note 2) Remarks UL94V-0 ---------UL94V-0 ----------
Note 1: Standard Color, colors of the differing coupling forms are black for DF22R and red for DF22L. Note 2: Hirose Electric's plating incorporate anti-whisking compounds.
sOrdering Information
qSocket, Header qContacts
DF22 B L - 2 S - 7.92 C
1 2 3 4 5 6 7 4 Number of contacts : 1 to 5 5 Connector type
S DS P EP DEP RS/P 6 Contact pitch 7 Type of housing C DSA DS No letter
DF22 A - 1416 SCF
1 8 9 8 Applicable Cable
Blank : UL1430 A : UL1015 9 Applicable Conductor 1416 : AWG 14 to AWG 16 1012 : AWG 10 to AWG 12 10 Packaging SCF : Socket contacts / Reel SC : Socket contacts / Bag PCF : In-line plug contacts / Reel PC : In-line plug contacts / Bag
10
1 Series name: DF22 2 Form Type
Sockets Blank : Standard height, standard lock (Type I) B : Long type, standard lock (Type III) C : Long type, ergonomic lock (Type IV) In-line Plugs Blank : With panel stop A : Without panel stop 3 Guide key type Blank : Inside (Color: natural) R : Right side (Color: black) L : Left side (Color: red)
: Socket : Double-row socket : Header : In-line plug : Double-row in-line plug : Retainer : 7.92 mm : Crimp housing : Straight header : Right-angle header : Retainer
2
sCrimp Sockets (Standard Type)
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
1 Pos.
7.7
8
2 to 5 Pos.
P=7.92
A B
Type 1 Standard lock
14.5
Contact No. 1 20
10.4 20
Type 1 Standard lock
(11.55)
Cavity No.
A 1
No. of contacts indicator
(11.55)
Contact No. 1 indicator
A 3
14.5
7.7
Cavity No.
No. of contacts indicator
s Type I Height: Standard type, Standard lock
Note: The part number and CL No. have changed to accommodate the product form change of the 2 to 5 pos. types.
Standard Type (Guide Key: Inside, Color: White)
Part Number
DF22-1S-7.92C(28) DF22-2S-7.92C(28) DF22-3S-7.92C(28) DF22-4S-7.92C(28) DF22-5S-7.92C(28)
CL No.
680-1012-2-28 680-1004-4-28 680-1005-7-28 680-1006-0-28 680-1007-2-28
Number of contacts
1 2 3 4 5
A
B
8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68
R Type (Guide Key: Right Side, Color: Black)
Part Number
DF22R-1S-7.92C(28) DF22R-2S-7.92C(28) DF22R-3S-7.92C(28) DF22R-4S-7.92C(28) DF22R-5S-7.92C(28)
CL No.
680-1026-7-28 680-1027-0-28 680-1028-2-28 680-1029-5-28 680-1030-4-28
Number of contacts
1 2 3 4 5
A
B
8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68
L Type (Guide Key: Left Side, Color: Red)
Part Number
DF22L-1S-7.92C(28) DF22L-2S-7.92C(28) DF22L-3S-7.92C(28) DF22L-4S-7.92C(28) DF22L-5S-7.92C(28)
CL No.
680-1031-7-28 680-1032-0-28 680-1033-2-28 680-1034-5-28 680-1035-8-28
Number of contacts
1 2 3 4 5
A
B
8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68
Note: Bag packaging (100 pieces/bag). Order by number of bags.
3
sCrimp Sockets (Height, Long Type)
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
1 Pos.
8 7.7
2 to 5 Pos.
P= 7.92
A B
Type 4 Type 3 Height: Long type, Height: Long type, Enhanced Standard lock ergonomic lock
Type 4 Type 3 Height: Long type, Height: Long type, Enhanced Standard lock Contact No. 1 ergonomic lock
14.5 14.5 23
(12.75)
(11.55)
Cavity No.
A 1
No. of contacts indicator
(12.75) (11.55) Contact No. 1 indicator
A 3
23
10.4
7.7
Cavity No.
No. of contacts indicator
s Type III Height: Long type, Standard lock
s Type IV Height: Long type, Enhanced ergonomic lock
Standard Type (Guide Key: Inside, Color: White)
Part Number
DF22B-1S-7.92C DF22B-2S-7.92C DF22B-3S-7.92C DF22B-4S-7.92C DF22B-5S-7.92C
Standard Type (Guide Key: Inside, Color: White)
B Part Number
DF22C-1S-7.92C DF22C-2S-7.92C DF22C-3S-7.92C DF22C-4S-7.92C DF22C-5S-7.92C
CL No.
680-1096-2 680-1097-5 680-1098-8 680-1099-0 680-1100-8
Number of contacts
1 2 3 4 5
A
CL No.
680-1101-0 680-1102-3 680-1103-6 680-1104-9 680-1105-1
Number of contacts
1 2 3 4 5
A
B
8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68
8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68
R Type (Guide Key: Right Side, Color: Black)
Part Number
DF22BR-1S-7.92C DF22BR-2S-7.92C DF22BR-3S-7.92C DF22BR-4S-7.92C DF22BR-5S-7.92C
R Type (Guide Key: Right Side, Color: Black)
A B Part Number
DF22CR-1S-7.92C DF22CR-2S-7.92C DF22CR-3S-7.92C DF22CR-4S-7.92C DF22CR-5S-7.92C
CL No.
Reserved for product expansion
Number of contacts
1 2 3 4 5
CL No.
Reserved for product expansion
Number of contacts
1 2 3 4 5
A
B
8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68
8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68
L Type (Guide Key: Left Side, Color: Red)
Part Number
DF22BL-1S-7.92C DF22BL-2S-7.92C DF22BL-3S-7.92C DF22BL-4S-7.92C DF22BL-5S-7.92C
L Type (Guide Key: Left Side, Color: Red)
A B Part Number
DF22CL-1S-7.92C DF22CL-2S-7.92C DF22CL-3S-7.92C DF22CL-4S-7.92C DF22CL-5S-7.92C
CL No.
Reserved for product expansion
Number of contacts
1 2 3 4 5
CL No.
Reserved for product expansion
Number of contacts
1 2 3 4 5
A
B
8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68
8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68
Note: Bag packaging (100 pieces/bag). Order by number of bags.
4
sStraight header
1 Pos.
10.8 4.05 1.5 9.3
A
2 to 5 Pos.
Cavity No.
No. of contacts indicator 12.45 9.7
3
A B
A
Cavity No.
12.45
Contact No. 1 indicator
18.1
18.1
9
3.7
3.2
2.3 8.7 10.8 3.9 3.2
0.8 3.7 O1.5 3.45 0.8 4.35
1
No. of contacts indicator
Standard Type (Guide Key: Inside, Color: Natural Beige)
Part Number
DF22-1P-7.92DSA DF22-2P-7.92DSA DF22-3P-7.92DSA DF22-4P-7.92DSA DF22-5P-7.92DSA
BPCB mounting pattern (Board thickens: 1.60.1)
1 Pos.
11.10.1 8.5 2.5 +0.1 0
2-R0.5
+0.1 --0.2
CL No.
680-1013-5 680-1014-8 680-1015-0 680-1016-3 680-1017-6
Number of contacts
1 2 3 4 5
A
B
R Type (Guide Key: Right Side, Color: Black)
Part Number
DF22R-1P-7.92DSA DF22R-2P-7.92DSA DF22R-3P-7.92DSA DF22R-4P-7.92DSA DF22R-5P-7.92DSA
CL No.
680-1036-0 680-1037-3 680-1038-6 680-1039-9 680-1040-8
Number of contacts
1 2 3 4 5
A
B
+ 0 0 .1
10.08 ----17.22 7.92 25.14 15.84 33.06 23.76 40.98 31.68
2 to 5 Pos.
3.450.05
O 6 1.
.1 +0 0
Part Number
DF22L-1P-7.92DSA DF22L-2P-7.92DSA DF22L-3P-7.92DSA DF22L-4P-7.92DSA DF22L-5P-7.92DSA
CL No.
680-1041-0 680-1042-3 680-1043-6 680-1044-9 680-1045-1
Number of contacts
1 2 3 4 5
A
B
4.350.05
10.08 ----17.22 7.92 25.14 15.84 33.06 23.76 40.98 31.68
*
L Type (Guide Key: Left Side, Color: Red)
-O
1.
7
P=7.920.05 B0.05
Note: Bag packaging (100 pieces/bag). Order by number of bags.
3.40.1
3.20.05
1+0.1 0
10.08 ----17.22 7.92 25.14 15.84 33.06 23.76 40.98 31.68
1.4
5
sRight angle header
A B C P=7.92
12.2
9.45
Contact No.1
O1.5 0.8
A 5
17.6
No. of contacts indicator
5
Cavity No.
3.7
1.2
Standard Type (Guide Key: Inside, Color: Natural Beige)
Part Number
DF22-2P-7.92DS DF22-3P-7.92DS DF22-4P-7.92DS DF22-5P-7.92DS
CL No.
680-1008-5 680-1009-8 680-1010-7 680-1011-0
Number of contacts
2 3 4 5
A
19.80 27.72 35.64 43.56
B
C
15.00 7.92 22.92 15.84 30.84 23.76 38.76 31.68
BPCB mounting pattern (Board thickens: 1.60.1)
R Type (Guide Key: Right Side, Color: Black)
Part Number
DF22R-2P-7.92DS DF22R-3P-7.92DS DF22R-4P-7.92DS DF22R-5P-7.92DS
CL No.
680-1018-9 680-1019-1 680-1020-0 680-1021-3
Number of contacts
2 3 4 5
A
19.80 27.72 35.64 43.56
B
C
2-
O1
.6
L Type (Guide Key: Left Side, Color: Red)
Part Number
DF22L-2P-7.92DS DF22L-3P-7.92DS DF22L-4P-7.92DS DF22L-5P-7.92DS
CL No.
680-1022-6 680-1023-9 680-1024-1 680-1025-4
Number of contacts
2 3 4 5
A
19.80 27.72 35.64 43.56
B
C
* -O
15.20.05
15.00 7.92 22.92 15.84 30.84 23.76 38.76 31.68
+0 0 .1
15.00 7.92 22.92 15.84 30.84 23.76 38.76 31.68
1.
1 0. +0
5
Note: Bag packaging (100 pieces/bag). Order by number of bags.
6
15.2 B0.05 C0.05 P=7.920.05
24
9
3.5
1.6
sIn-line plug (Panel lock type)
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
1 Pos.
9.3 8.12 12.72
2, 3 Pos.
12.72 9.97
3
A B
3
Contact No.1
Cavity No.
No. of contacts indicator
No. of contacts indicator
10.5
Cavity No.
34.95
A1
34.95
3
A
20.7
20.7
Contact No. 1 indicator
3 2 1
16.3
C
Standard Type (Guide Key: Inside, Color: White)
Part Number
DF22-1EP-7.92C DF22-2EP-7.92C DF22-3EP-7.92C
BPanel Cutout
A B C
CL No.
680-1048-0 680-1049-2 680-1050-1
Number of contacts
1 2 3
1 Pos.
9.30 ----- 16.30 17.22 7.92 24.22 25.14 15.84 32.14
(15.8-X) +0.1 0 9.6+0.1 0
3.50.1
R Type (Guide Key: Right Side, Color: Black)
DF22R-1EP-7.92C DF22R-2EP-7.92C DF22R-3EP-7.92C Reserved for product expansion 1 2 3 9.30 ----- 16.30 17.22 7.92 24.22 25.14 15.84 32.14
13.02 +0.1 0
Part Number
CL No.
Number of contacts
A
B
C
Panel thickness 2.0 1.6 1.2 0.8
X 0.48 0.96 1.44 1.92
L Type (Guide Key: Left Side, Color: Red)
Part Number
DF22L-1EP-7.92C DF22L-2EP-7.92C DF22L-3EP-7.92C
4.16 +0.1 0
CL No.
Reserved for product expansion
Number of contacts
1 2 3
A
B
C
2, 3 Pos.
4.835
+0.1 0
(C-0.5-X) +0.1 0 (A+0.4) +0.1 0 110.2 3.50.1
9.30 ----- 16.30 17.22 7.92 24.22 25.14 15.84 32.14
+0.1 0 +0.1 0
Note: Bag packaging (100 pieces/bag). Order by number of bags.
13.02
10.27
7
sIn-line Plug
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
1 Pos.
9.3
2, 3 Pos.
A B
Contact No.1
12.72 No. of contacts indicator 9.97
12.72
Cavity No.
No. of contacts indicator
10.5
Cavity No.
3
A
34.95
A
1
34.95
Contact No. 1 indicator
3 2 1
Standard Type (Guide Key: Inside, Color: Natural Beige)
Part Number
DF22A-1EP-7.92C DF22A-2EP-7.92C DF22A-3EP-7.92C
CL No.
680-1053-0 680-1054-2 680-1055-5
Number of contacts
1 2 3
A
B
9.30 ----18.00 7.92 26.00 15.84
R Type (Guide Key: Right Side, Color: Black)
Part Number
DF22AR-1EP-7.92C DF22AR-2EP-7.92C DF22AR-3EP-7.92C
CL No.
Reserved for product expansion
Number of contacts
1 2 3
A
B
9.30 ----18.00 7.92 26.00 15.84
L Type (Guide Key: Left Side, Color: Red)
Part Number
DF22AL-1EP-7.92C DF22AL-2EP-7.92C DF22AL-3EP-7.92C
CL No.
Reserved for product expansion
Number of contacts
1 2 3
A
B
9.30 ----18.00 7.92 26.00 15.84
Note: Bag packaging (100 pieces/bag). Order by number of bags.
8
sIn-line Double-row socket
15.5 7.92
Enhanced ergonomic lock
Standard lock
Shown with terminated and installed contacts.
Standard Type (Guide Key: Inside, Color: White)
Part Number
DF22B-4DS-7.92C DF22C-4DS-7.92C
(22.49)
(21.29)
CL No.
680-1142-8 680-1082-8
Number of contacts
4 4
Lock type
Standard lock Enhanced ergonomic lock
Contact No.1 indicator
1
A
23 14.5
20.14 17.44
Contact No.1
3
R Type (Guide Key: Right Side, Color: Black)
Part Number
DF22BR-4DS-7.92C DF22CR-4DS-7.92C
Cavity No.
2 4
CL No.
680-1156-2 680-1084-3
Number of contacts
4 4
Lock type
Standard lock Enhanced ergonomic lock
No. of contacts indicator
L Type (Guide Key: Left Side, Color: Red)
Part Number
DF22BL-4DS-7.92C DF22CL-4DS-7.92C
CL No.
680-1161-2 680-1151-9
Number of contacts
4 4
Lock type
Standard lock Enhanced ergonomic lock
Note: Bag packaging (100 pieces/bag). Order by number of bags.
sIn-line Double-row Plug
3
17.22 7.92
3
17.22 7.92 21.79 19.04
21.79 19.04
Contact No.1
10.5 No. of contacts indicator 24.22 10.5
Contact No.1
No. of contacts indicator
Cavity No.
Cavity No.
34.95 20.7
Shown with terminated and installed contacts.
Standard Type (Guide Key: Inside, Color: White)
3 1
34.95 20.7
4
A
4
A
Part Number
DF22-4DEP-7.92C DF22A-4DEP-7.92C
CL No.
680-1051-4 680-1056-8
Number of contacts Connector type
4 4 With snap-in tabs Without snap-in tabs
4 2
Contact No.1 indicator
3
1
Contact No.1 indicator
4
2
R Type (Guide Key: Right Side, Color: Black)
Part Number
DF22R-4DEP-7.92C DF22AR-4DEP-7.92C
BPanel Cutout (Panel mount type)
(23.72-X) +0.1 0 19.76 +0.1 0 110.2 6.30.1
CL No.
680-1170-3 680-1184-8
Number of contacts Connector type
4 4 With snap-in tabs Without snap-in tabs
L Type (Guide Key: Left Side, Color: Red)
22.09 +0.1 0
DF22L-4DEP-7.92C DF22AL-4DEP-7.92C
680-1175-7 680-1189-1
4 4
With snap-in tabs Without snap-in tabs
19.34 +0.1 0
Part Number
CL No.
Number of contacts Connector type
Note: Bag packaging (100 pieces/bag). Order by number of bags.
9.62+0.1 0 17.62 +0.1 0
Panel thickness 2.0 1.6 1.2 0.8
X 0.48 0.96 1.44 1.92
9
sRetainer
For Standard height, standard lock (Type I)
For Long type, standard lock (Type III) Long type, enhanced ergonomic lock (Type IV)
Cavity No.
Cavity No.
A
A
A B 2 2 7.92 7.92
A B
8.6
3.2
Cavity No.
A5 4 3 2 1 No. of contacts indicator
Cavity No.
A5 4 3 2 1 No. of contacts indicator
Part Number DF22-1RS/P-7.92 DF22-2RS/P-7.92 DF22-3RS/P-7.92 DF22-4RS/P-7.92 DF22-5RS/P-7.92 Applicable Socket
CL No.
Reserved for product expansion
Number of contacts 1 2 3 4 5
A 7.04 15.50 23.42 31.34 39.26
B ----7.92 15.84 23.76 31.68
DF22-*S-7.92C For Standard height, standard lock (Type I) * indicates number of contacts.
Note: Bag packaging (100 pieces/bag). Order by number of bags.
Part Number CL No. Number of contacts A B DF22B/C-1RS/P-7.92 Reserved for product expansion 1 7.04 ----DF22B/C-2RS/P-7.92 680-1200-2 2 15.50 7.92 DF22B/C-3RS/P-7.92 680-1201-5 3 23.42 15.84 DF22B/C-4RS/P-7.92 680-1202-8 4 31.34 23.76 DF22B/C-5RS/P-7.92 680-1203-0 5 39.26 31.68 DF22B-*S-7.92C For Long type, standard lock (Type III) DF22C-*S-7.92C Long type, enhanced ergonomic lock (Type IV) Applicable Socket DF22-*EP-7.92C DF22A-*EP-7.92C * indicates number of contacts.
Note: Bag packaging (100 pieces/bag). Order by number of bags.
10
3.2
11.6
sCrimp Contact for socket
For AWG# 14 to 16 For AWG# 10 to 12
3.8
4.7 2.8
3.8
4.7 2.8
20.8
17
17
1.61.5 2.7 1.4
3 0.8
O1 .5
4
0.8
O2
1.6 1.3 2.9 1.4
21.8
P=15.5
t=0.3
P=16.5
t=0.4
Part Number
CL No.
UL style
Applicable cable Jacket diameter Wire size
Stranded wire conductor
Packaging Reel Bag Reel Bag Reel Bag
Quantity 2,500 100 2,000 100 2,000 100
680-1000-3 DF22-1416SCF 1430 2.4 to 3.0 AWG#16 26/0.254 680-1001-6 DF22-1416SC AWG#14 41/0.26 680-1002-9 DF22A-1416SCF 3.0 to 3.8 680-1003-1 DF22A-1416SC 1015 AWG#12 65/0.26 680-1089-7 DF22A-1012SCF 3.6 to 4.9 AWG#10 104/0.26 680-1090-6 DF22A-1012SC Note 1: Applicable wire with tin plated solid soft conductor. Note 2: When using other than the recommended wire, contact your nearest Hirose representative. Note 3: Strip length: 3.5 to 4.5mm
sCrimp Contact for In-line Plug
3.8 1.6
4.7 2.8 0.8
29
25.2
1.4
1416
3 0.8
O1 .5
1.6 P=15.5 t=0.3
Part Number
CL No.
UL style
Applicable cable Jacket diameter Wire size
1.5 2.7
Stranded wire conductor
Packaging Reel Bag Reel Bag
Quantity 2,500 100 2,000 100
680-1078-0 DF22-1416PCF 1430 2.4 to 3.0 680-1080-2 26/0.254 DF22-1416PC AWG#16 680-1079-3 41/0.26 AWG#14 DF22A-1416PCF 1015 3.0 to 3.8 680-1081-5 DF22A-1416PC Note 1: Applicable wire with tin plated solid soft conductor. Note 2: When using other than the recommended wire, contact your nearest Hirose representative. Note 3: Strip length: 3.5 to 4.5mm
11
BMating Dimensions
qSocket to Straight Header Connection
1 Pos.
(12.45) DF22--/1RS/P--7.92 DF22B#--1S--7.92C DF22C#--1S--7.92C (13.5) DF22B/C--1RS/P--7.92
DF22#--1S--7.92C(28)
(23.7)
DF22#--1P--7.92DSA
(25.7)
DF22#--1P--7.92DSA
2 to 5 Pos.
(12.45) DF22--*RS/P--7.92 DF22B#--*S--7.92C DF22C#--*S--7.92C DF22#--*S--7.92C(28) (13.5)
DF22B/C--*RS/P--7.92
(26.7) DF22#--*P--7.92DSA (31.6) (29.6) DF22#--*S--7.92C(28) DF22--*RS/P--7.92 (34.6) (32.6) DF22B#--*S--7.92C DF22C#--*S--7.92C DF22B/C--*RS/P--7.92 (13.3) (12.25) (26.7)
DF22#--*P--7.92DSA
qSocket to Right angle Header Connection
DF22#--*P--7.92DS
DF22#--*P--7.92DS
12
(23.7)
(25.7)
(28.7)
(28.7)
qSocket to In-line Plug (Panel mount type) Connection
(44.55) (40.55) DF22#--*S--7.92C(28) DF22#--*EP--7.92C
DF22B/C---*RS/P--7.92 (47.55) (43.55) DF22#--*EP--7.92C
DF22--*RS/P--7.92C
DF22B#--*S--7.92C DF22C#--*S--7.92C
DF22B/C--*RS/P--7.92
DF22B/C--*RS/P--7.92
qSocket to In-line Plug Connection
(44.55) (40.55) DF22A#--*EP--7.92C (13.0) DF22B/C--*RS/P--7.92 DF22--RS/P--7.92 (47.55) (43.55) DF22A#--*EP--7.92C (14.2) DF22B/C--*RS/P--7.92 DF22B/C--*RS/P--7.92 DF22B#--*S--7.92C DF22C#--*S--7.92C DF22#--*S--7.92C(28)
(14.2)
(13.0)
13
qIn-line Double-row socket to In-line Double-row Plug (Panel mount type) Connection
(43.55)
DF22B#--4DS--7.92C
DF22#--4DEP--7.92C (43.55) DF22C#--4DS--7.92C
DF22#--4DEP--7.92C
qIn-line Double-row socket to In-line Double-row Plug Connection
(43.55) DF22B#--4DS--7.92C
DF22A#--4DEP--7.92C (43.55) DF22C#--4DS--7.92C
DF22A#--4DEP--7.92C
14
(23.3)
(22.1)
(23.3)
(22.1)
BTools
Type Press unit Applicators are used in automatic crimping machines manufactured by Hirose Electric Automatic Applicators are used in automatic crimping machines manufactured by other companies Item Part Number CM-105 AP105-DF22-1416 AP105-DF22A-1416 AP109A-DF22-1416 AP109A-DF22A-1416 AP109A-DF22A-1012 HT104/DF22-1416 Manual Crimp tools HT104/DF22A-1416 CL No. 901-0005-4 901-4576-7 901-4578-2 901-4579-5 901-4580-4 901-4582-0 550-0285-0 550-0286-2 550-0288-8 Applicable Contacts DF22/DF22A-1416SCF/PCF DF22-1416SCF/PCF DF22A-1416SCF/PCF DF22-1416SCF/PCF DF22A-1416SCF/PCF DF22A-1012SCF DF22-1416SC/PC DF22A-1416SC/PC DF22A-1012SC
HT103/DF22A-1012 Note 1: When crimping contact DF22A-1012SCF use a press with 3.5 ton min. Note 2: AP109A type applicators cannot be used with the CM-105 press.
BContact Extraction
s Contact extraction tool: Flat-bladed screwdriver, 1.4 mm blade width s Intended crimp Contacts: DF22-1416SC(F), DF22A-1416SC(F), DF22A-1012SC(F), DF22-1416PC(F), and DF22A-1416PC(F) s Work Method Housing Cross-Sectional Diagram
(1)
Flat-bladed screwdriver
1. Refer to the drawing No. 1. Insert correct size screwdriver in the insulator against the molded-in lance. Deflect the lance as shown.
Molded-in lance
(2) 2. Assure that the lance is deflected to release the contact and pull- out wire with the terminated contact.
BPrecautions
qMake sure that the lock is fully depressed before un-mating the connectors. qUse correct size of the wires. Do NOT forcefully twist or deform wires, as this may affect the crimped contact connection.
15


▲Up To Search▲   

 
Price & Availability of DF22-1012PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X